Part Number Hot Search : 
013TR 1FW44 74HC27 LL414 5962F 6CWT04FN SST110 2SD620
Product Description
Full Text Search
 

To Download HCGHA1J473Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HCGHA Series
(Warranty of 2,000 hours at 105C)
Features * Warranty life of 2000 hours at 105C through improvement of electrolyte liquid
Product Specifications
Items Specifications Temperature range -40C ~ +105C Capacitance tolerance 20% (20C,120Hz) Rated voltage 25 ~ 400V.DC 0.01CV (A) or 5mA, whichever is smaller or less Leakage current [C = nominal capacitance (F), V = rated voltage (V)] Dissipation factor Less than the value specified in the standard products table. (20C,120Hz) Permissible ripple current As specified in the standard products table. (105C,120Hz) After the rated voltage (specified ripple current convolution) is applied at 105C for 2000 hours: Capacitance tolerance: 15% or less of the initial value High-temperature load Dissipation factor: 175% or less of the specified initial value Leakage current: Specified initial value or less Others JIS C 5101-4.
Ripple current correction coefficient
40 55 70 4.9 3.9 3.0 3.8 2.5 3.3 300 120 50/60 1.1 1.0 0.8 Ripple current should be under 60 Arms at M5 terminal in accordance with from the permissible current. Temperature (C) Correction 250WV under coefficient 400WV Frequency (Hz) Correction coefficient 85 1.8 2.0 1K 1.3 105 1.0 1.0 10K 1.4
Attachment of legs * See page 38 for shapes and dimensions. * Product names in the Standard Units Rating Table correspond to the attachment legs for Type Y (Type for o36 only), but Type attachment legs may be used (Shape Code = ). * If attachment legs are not necessary, enter "N" for the attachment leg shape code. * Attachment legs will be delivered separately. Standard value and case size
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 36x53 25V(1E) 10000 36x83 15000 36x83 22000 36x100 33000 51x75 47000 51x115 68000 64x96 100000 64x115 150000 77x115 220000 90x131 330000 Case code A5 A8 A8 A10 C8R C12R D10R D12R E12R F13R tan Ripple carrent (Arms) 20C,120Hz 105C,120Hz 0.35 0.35 0.35 0.40 0.40 0.50 0.60 0.80 1.00 1.00 02.9 04.2 05.1 06.3 08.0 10.0 11.3 12.9 14.8 19.9 Product name HCGHA1E1031 HCGHA1E1531 HCGHA1E2231 HCGHA1E3331 HCGHA1E473Y HCGHA1E683Y HCGHA1E104Y HCGHA1E154Y HCGHA1E224Y HCGHA1E334Y Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 36x53 35V(1V) 6800 36x83 10000 36x83 15000 36x100 22000 51x75 33000 51x96 47000 51x115 68000 64x115 100000 77x115 150000 90x131 220000 Case code A5 A8 A8 A10 C8R C10R C12R D12R E12R F13R tan Ripple carrent (Arms) 20C,120Hz 105C,120Hz 0.30 0.30 0.30 0.35 0.40 0.45 050 0.60 0.70 0.70 2.6 3.7 4.5 5.5 6.7 8.1 10.0 12.1 13.8 17.6 Product name HCGHA1V6821 HCGHA1V1031 HCGHA1V1531 HCGHA1V2231 HCGHA1V333Y HCGHA1V473Y HCGHA1V683Y HCGHA1V104Y HCGHA1V154Y HCGHA1V224Y
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 36x53 50V(1H) 3300 36x53 4700 36x83 6800 36x83 10000 36x100 15000 51x75 22000 51x115 33000 64x96 47000 64x115 68000 77x115 100000 90x131 150000
Case code A5 A5 A8 A8 A10 C8R C12R D10R D12R E12R F13R
tan Ripple carrent (Arms) 20C,120Hz 105C,120Hz 0.20 0.25 0.25 0.25 0.30 0.35 0.40 0.40 0.45 0.50 0.50 2.2 3.3 3.4 4.1 4.9 5.9 7.8 9.5 11.6 14.1 18.9
Product name HCGHA1H3321 HCGHA1H4721 HCGHA1H6821 HCGHA1H1031 HCGHA1H1531 HCGHA1H223Y HCGHA1H333Y HCGHA1H473Y HCGHA1H683Y HCGHA1H104Y HCGHA1H154Y
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 36x53 63V(1J) 2200 36x53 3300 36x83 4700 36x83 6800 36x100 10000 51x75 15000 51x96 22000 64x96 33000 64x115 47000 77x115 68000 90x131 100000
Case code A5 A5 A8 A8 A10 C8R C10R D10R D12R E12R F13R
tan Ripple carrent (Arms) 20C,120Hz 105C,120Hz 0.15 0.20 0.20 0.20 0.25 0.25 0.30 0.30 0.35 0.40 0.40 2.1 2.2 3.1 3.7 4.4 5.7 6.8 9.2 10.9 13.0 17.2
Product name HCGHA1J2221 HCGHA1J3321 HCGHA1J4721 HCGHA1J6821 HCGHA1J1031 HCGHA1J153Y HCGHA1J223Y HCGHA1J333Y HCGHA1J473Y HCGHA1J683Y HCGHA1J104Y
Hitachi AIC Inc.
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 36x53 80V(1K) 2200 36x83 3300 36x83 4700 36x100 6800 51x75 10000 51x96 15000 64x96 22000 77x96 33000 77x115 47000 90x131 68000
Case code A5 A8 A8 A10 C8R C10R D10R E10R E12R F13R
tan Ripple carrent (Arms) 20C,120Hz 105C,120Hz 0.15 0.15 0.15 0.20 0.20 0.25 0.25 0.30 0.30 0.30 2.1 3.0 3.6 4.0 5.2 6.2 8.2 9.7 12.5 16.4
Product name HCGHA1K2221 HCGHA1K3321 HCGHA1K4721 HCGHA1K6821 HCGHA1K103Y HCGHA1K153Y HCGHA1K223Y HCGHA1K333Y HCGHA1K473Y HCGHA1K683Y
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 36x53 100V(2A) 1000 36x53 1500 36x83 2200 36x83 3300 36x100 4700 51x75 6800 51x96 10000 64x96 15000 77x96 22000 77x130 33000 90x131 47000
Case code A5 A5 A8 A8 A10 C8R C10R D10R E10R E13R F13R
tan Ripple carrent (Arms) 20C,120Hz 105C,120Hz 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.20 0.20 0.25 0.25 1.4 1.7 2.5 3.0 3.9 5.0 6.5 7.6 9.7 11.8 15.0
Product name HCGHA2A1021 HCGHA2A1521 HCGHA2A2221 HCGHA2A3321 HCGHA2A4721 HCGHA2A682Y HCGHA2A103Y HCGHA2A153Y HCGHA2A223Y HCGHA2A333Y HCGHA2A473Y
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 36x53 160V(2C) 470 36x53 680 36x83 1000 36x83 1500 36x100 2200 51x75 3300 51x96 4700 64x96 6800 77x96 10000 77x130 15000 90x131 22000
Case code A5 A5 A8 A8 A10 C8R C10R D10R E10R E13R F13R
tan Ripple carrent (Arms) 20C,120Hz 105C,120Hz 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 01.0 01.1 01.7 02.0 02.7 03.5 04.4 05.9 07.6 10.3 13.2
Product name HCGHA2C4711 HCGHA2C6811 HCGHA2C1021 HCGHA2C1521 HCGHA2C2221 HCGHA2C332Y HCGHA2C472Y HCGHA2C682Y HCGHA2C103Y HCGHA2C153Y HCGHA2C223Y
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 36x53 330 200V(2D) 36x53 470 36x53 680 36x83 1000 36x100 1500 51x75 2200 51x96 3300 64x96 4700 64x115 6800 77x115 10000 90x131 15000
Case code A5 A5 A5 A8 A10 C8R C10R D10R D12R E12R F13R
tan Ripple carrent (Arms) 20C,120Hz 105C,120Hz 00.8 0.15 01.0 0.15 01.1 0.15 01.7 0.15 02.2 0.15 02.8 0.15 03.7 0.15 04.9 0.15 06.3 0.15 08.1 0.15 10.9 0.15
Product name HCGHA2D3311 HCGHA2D4711 HCGHA2D6811 HCGHA2D1021 HCGHA2D1521 HCGHA2D222Y HCGHA2D332Y HCGHA2D472Y HCGHA2D682Y HCGHA2D103Y HCGHA2D153Y
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 36x53 250V(2E) 330 36x53 470 36x83 680 36x100 1000 51x75 1500 51x96 2200 64x96 3300 64x115 4700 77x115 6800 77x155 10000 90x157 15000
Case code A5 A5 A8 A10 C8R C10R D10R D12R E12R E16R F16R
tan Ripple carrent (Arms) 20C,120Hz 105C,120Hz 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 00.8 01.0 01.4 01.9 02.3 03.1 04.2 05.4 06.9 09.3 12.2
Product name HCGHA2E3311 HCGHA2E4711 HCGHA2E6811 HCGHA2E1021 HCGHA2E152Y HCGHA2E222Y HCGHA2E332Y HCGHA2E472Y HCGHA2E682Y HCGHA2E103Y HCGHA2E153Y
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 400V(2G) 51x75 1000 51x96 1200 51x115 1500 51x130 1800 64x96 2200 64x115 2700 64x130 3300 64x155 3900 77x115 64x195 4700 77x130 64x195 5600 77x155 90x157 6800 90x157 8200 90x196 10000
Case code C8R C10R C12R C13R D10R D12R D13R D16R E12R D20R E13R D20R E16R F16R F16R F20R
tan Ripple carrent (Arms) 20C,120Hz 105C,120Hz 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 02.5 03.0 03.6 04.1 04.5 05.3 06.2 07.2 06.8 08.7 07.8 09.6 09.2 10.7 11.8 14.1
Product name HCGHA2G102Y HCGHA2G122Y HCGHA2G152Y HCGHA2G182Y HCGHA2G222Y HCGHA2G272Y HCGHA2G332Y HCGHA2G392YD HCGHA2G392YE HCGHA2G472YD HCGHA2G472YE HCGHA2G562YD HCGHA2G562YE HCGHA2G682Y HCGHA2G822Y HCGHA2G103Y
Hitachi AIC Inc.


▲Up To Search▲   

 
Price & Availability of HCGHA1J473Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X